PART |
Description |
Maker |
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
1600DGH500ACEGA 1600DGH150ACEGA 1600CG1G50ACEGA 16 |
GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-5000Psi, 0.5%, 1-11V GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-1500Psi, 0.5%, 1-11V GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-135Psi, 0.5%, 1-6V GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-0Psi, 0.5%, 4-20mA GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-285Psi, 0.5%, 4-20mA GAGE, STRAIN GUAGE PRESSURE SENSOR, -15-135Psi, 0.5%, 4-20mA
|
GEMS SENSORS & CONTROLS
|
XSX15GFSC XSX300GBFSC XSX300AC XSC100AC XSC100GBTC |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, 0-630mV, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-300Psi, 0-612mV, THROUGH HOLE MOUNT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0-90mV, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0-100mV, THROUGH HOLE MOUNT
|
|
AD549SH883B |
18V; 500mW; ultra low input bias current operational amplifier. For electrometer amplifiers, photodiode preamp, pH electrode buffer, vacuum Ion gage measurement
|
Analog Devices
|
PC100GW |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-100Psi, 0-100mV, CYLINDRICAL
|
HONEYWELL SENSING AND CONTROL
|
MPX2101GP |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-14.5Psi, ROUND, THROUGH HOLE MOUNT
|
MOTOROLA INC
|
ADP42610 |
GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-49.77Psi, 0-100mV, SQUARE, THROUGH HOLE MOUNT
|
|
ADP5130 |
GAGE, STRAIN GUAGE PRESSURE SENSOR, 0-7.25Psi, 1.25%, 0.50-4.50V, RECTANGULAR, THROUGH HOLE MOUNT
|
|
MPX2700 MPX2700D MPX2700DP MPX2700GP MPX2700GS MPX |
0 to 700 kPa (0 to 100 psi) 40 mV FULL SCALE SPAN (TYPICAL) GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-101.52Psi, 0.5%, 0-40mV, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
SIL05-1A31-71Q SIL05-1A31-71QDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL12-1A31-71L SIL12-1A31-71LDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
SIL24-1A75-71L SIL24-1A75-71LDE |
SIL Reed Relays (deutsch) SIL Reed Relay
|
Meder Electronic
|
|